Part Number Hot Search : 
M100B 74LS848 24C04N MM5Z39V BD8906F DS322 546A2U MCT2E
Product Description
Full Text Search
 

To Download STK58X60LM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STK58X60LM
Advanced Power MOSFET
SWITCHING REGULATOR APPLICATIONS Features
* * * * High Voltage: BVDSS=600V(Min.) Low Crss : Crss=6.0pF(Typ.) Low gate charge : Qg=8.4nC(Typ.) Low RDS(on) :RDS(on)=4.7(Max.)
Type NO. STK58X60LM Marking STK58X60 Package Code MPT
Ordering Information
Outline Dimensions
7.30~7.50
unit : mm
1.20 Max. 1.70 Typ. 0.70 Max. 13.05~13.85 2.50 Typ.
0.60 Max.
2.50 Typ.
1
2
3
0.60 Max.
8.40~8.60
3.30~3.50
1.95~2.05
PIN Connections 1. Gate 2. Drain 3. Source
KSD-T0H016-000
1
STK58X60LM
Absolute maximum ratings
Characteristic
Drain-source voltage Gate-source voltage Drain current (DC) Drain current (Pulsed)
*
(Ta=25C)
Symbol
VDSS VGSS ID IDP PD IAS EAS IAR EAR TJ Tstg
Rating
600 30 0.58 2.4 1.3 0.6 3.9 0.6 110 150 -55~150
Unit
V V A A W A mJ A J C
Drain Power dissipation Avalanche current (Single) Single pulsed avalanche energy Avalanche current (Repetitive) Repetitive avalanche energy Junction temperature Storage temperature range
* Limited by maximum junction temperature
Characteristic
Thermal
resistance
Symbol
Rth(J-a)
Typ.
-
Max
96.2
Unit
/W
Junction-ambient
KSD-T0H016-000
2
STK58X60LM
Electrical Characteristics
Characteristic
Drain-source breakdown voltage Gate-threshold voltage Drain-source leakage current Gate-source leakage Drain-Source on-resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge
(Ta=25C)
Symbol
BVDSS VGS(th) IDSS IGSS RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
Test Condition
ID=250A, VGS=0 ID=250A, VDS= VGS VDS=600V, VGS=0V VDS=0V, VGS=30V VGS=10V, ID=0.29A VDS=10V, ID=0.29A VGS=0V, VDS=25V, f=1MHz
Min.
600 2.0 -
Typ.
3.8 2.3 290 33 6.0 22 10.5 7 10.5 8.4 1.4 2.6
Max.
4.0 1 100 4.7 435 49 9.0 12.6 2.1 3.9
Unit
V V A nA S pF
VDD=300V, VGS=10V ID=0.58A, RG=25
-
-
ns
VDD=300V, VGS=10V ID=0.58A
-
nC
-
Source-Drain Diode Ratings and Characteristics
Characteristic
Continuous source current Source current (Pulsed) Forward voltage Reverse recovery time Reverse recovery charge
(Ta=25C)
Symbol
IS ISM VSD trr Qrr
Test Condition
Integral reverse diode in the MOSFET VGS=0V, IS=0.29A Is=0.58A, VGS=0V dis/dt=100A/us
Min
-
Typ
230 0.84
Max
0.6 2.4 1.4 -
Unit
A V ns uC
Note ; Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature L=20mH, IAS=0.58A, VDD=50V, RG=25 Pulse Test : Pulse Width 300us, Duty cycle 2% Essentially independent of operating temperature
KSD-T0H016-000
3
STK58X60LM
Electrical Characteristic Curves
Fig. 1 ID - VDS Fig. 2 ID - VGS
:
-
Fig. 3 RDS(on) - ID
Fig. 4 IS - VSD
Fig. 5 Capacitance - VDS
Fig. 6 VGS - QG
KSD-T0H016-000
4
STK58X60LM
Fig. 7 VDSS - TJ Fig. 8 RDS(on) - TJ
C
C
Fig. 9 ID - TC
Fig. 10 Safe Operating Area
*
KSD-T0H016-000
5
STK58X60LM
Fig. 11 Gate Charge Test Circuit & Waveform
Fig. 12 Resistive Switching Test Circuit & Waveform
Fig. 13 EAS Test Circuit & Waveform
KSD-T0H016-000
6
STK58X60LM
Fig. 14 Diode Reverse Recovery Time Test Circuit & Waveform
KSD-T0H016-000
7
STK58X60LM
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-T0H016-000
8


▲Up To Search▲   

 
Price & Availability of STK58X60LM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X